PART |
Description |
Maker |
TLV70327DBVR |
<font color=red>[Old version datasheet]</font> 300-mA, Low-IQ, Low-Dropout Regulator
|
TI store
|
LD6836CX414P LD6836CX418H LD6836CX418P LD6836CX420 |
Ultra low dropout regulators, low noise, 300 mA
|
NXP Semiconductors
|
NCP2860DMADJR2G |
300 mA Very Low Noise, Low Dropout Linear Regulator
|
ON Semiconductor
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
NCP4683 NCP4683DSQ18T1G NCP4683DMU12TCG NCP4683DMU |
300 mA, Low Dropout Regulator
|
ON Semiconductor
|
NCP4625HSN12T1G NCP4625HSN18T1G NCP4625HSN28T1G NC |
300 mA, 10 V, Low Dropout Regulator
|
ON Semiconductor
|
LM2954-33-AA3-B LM2954-33-AA3-K LM2954-33-AA3-R LM |
300 mA LOW-DROPOUT VOLTAGE REGULATOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
8178 A8178LLR A8178LLT |
Low-Dropout, 7.7 V Preregulator(浣??宸??7.7V棰?ǔ???) Low-Dropout, 7.7 V Preregulator(低压差,7.7V预稳压器) 低压差,7.7 V前置稳压器(低压差,7.7V预稳压器 LOW-DROPOUT, 7.7 V PREREGULATOR 低压差,7.7 V前置稳压 DCMM37SM LOW-DROPOUT/ 7.7 V PREREGULATOR LOW-DROPOUT 7.7 V PREREGULATOR From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
APL5833-28EC-TR APL5833-28EC-TU APL5833-35EC-TU AP |
2.85 V, 300 mA low dropout linear regulator of adjustable and fixed voltage 3.5 V, 300 mA low dropout linear regulator of adjustable and fixed voltage
|
ANPEC Electronics Corporation
|
NCP2860DM277R2G NCP2860_06 NCP2860 NCP2860DM277R2 |
300 mA Very Low Noise, Low Dropout Linear Regulator
|
ONSEMI[ON Semiconductor]
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|